Part Number Hot Search : 
NTXV1N M3R63TCJ 2SD1877 C2206 2SD1877 1N6005 4ALS87 15F24
Product Description
Full Text Search
 

To Download L2SC4083QWT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high-frequency amplifier z z z absolute maximum ratings (ta=25 o c) parameter symbol v cbo v ceo v ebo i c p c t t stg limits 2 0 1 1 3 50 0.15 150 - 55~+150 unit v v v ma w o c o c collector-base voltage collector-emitter voltage emitter-base voltage collector current collector power dissipation junction temperature storage temperature electrical characteristics (ta=25 o c) parameter symbol min. typ. max. unit conditions bv cbo bv ceo bv ebo i cbo i ebo h fe f t cob rbb' cc nf 2 0 1 1 3 120 1.4 3.2 0. 8 0.5 0.5 1.5 v v v u a u a g hz pf i c = 10 a i c = 1ma i e = 10 a v cb = 10v v eb = 2v v ce(sat) 0.5 v i c /i b = 1 0ma/ 5 ma v ce /i c = 10v/ 5 ma v cb = 10v , i c = 10ma , f = 5 00mhz v cb = 10v , i e = 0a , f = 1mhz v cb = 10v , i c = 10ma , f = 31.8mhz v ce = 6 v , i c = 2ma , f = 5 00mhz , rg = 50 ? 3 .5 db collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cutoff current emitter cutoff current dc current transfer ratio transition frequency output capacitance collector-emitter saturation voltage collector-base time constant noise factor driver marking j 1 3 2 2 emitter 3 collector 1 base sc-70/sot-323 transistor ps 4 12 s-l2sc4083qwt1g l2sc4083qwt1g=4q device marking shipping 3000/tape&reel 10000/tape&reel ordering information leshan radio company, ltd. s- prefix for automotive and other applications requiring unique site 270 l2sc4083qwt1g l2sc4083qwt1g 4q 4q rev.o 1/2 l2sc4083qwt1g we declare that the material of product compliance with rohs requirements. and control change requirements; aec-q101 qualified and ppap capable. s-l2sc4083qwt1g s-l2sc4083qwt1g
sc - 70 / sot - 323 l2sc4083qwt1g leshan radio company, ltd. a a2 d e1 b e e a1 c l 3 12 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 0.05 (0.002) 1.9 0.075 0.65 0.025 0.65 0.025 0.9 0.035 0.7 0.028  mm inches  scale 10:1 xx m xx = specific device code m = date code  = pb?free package generic marking diagram *this information is generic. please refer to device data sheet for actual part marking. pb?free indicator, ago or microdot a  o, may or may not be present. 1 soldering footprint* h e dim a min nom max min millimeters 0.80 0.90 1.00 0.032 inches a1 0.00 0.05 0.10 0.000 a2 0.7 ref b 0.30 0.35 0.40 0.012 c 0.10 0.18 0.25 0.004 d 1.80 2.10 2.20 0.071 e 1.15 1.24 1.35 0.045 e 1.20 1.30 1.40 0.047 0.035 0.040 0.002 0.004 0.014 0.016 0.007 0.010 0.083 0.087 0.049 0.053 0.051 0.055 nom max l 2.00 2.10 2.40 0.079 0.083 0.095 h e e1 0.65 bsc 0.425 ref 0.028 ref 0.026 bsc 0.017 ref rev.o 2/2 ;s-l2sc4083qwt1g


▲Up To Search▲   

 
Price & Availability of L2SC4083QWT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X